Part Number Hot Search : 
74HC354 UC384 BCX71K AD7237 BD9150 TVR20330 NT7805 91100
Product Description
Full Text Search
 

To Download PRC200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PRC200/210
EMI/RFI T-Filter
Features
* Suitable for I/O interface cards * Stable resistor-capacitor network * No signal delays * 8 EMI/RFI protection lines/package * Saves board space and component cost
Applications
* EMI/RFI Filter * Low Pass Filter * LCD Panel Display Filters
Product Description
CAMD's PRC200/210 Tapped Filter is specifically designed to suppress EMI/RFI noise at I/O ports of personal computers and engineering workstations, Local Area Network (LAN), Asynchronous Transfer Mode (ATM), Wide Area Network (WAN), and peripheral accessories. This integrated thin film resistor capacitor network is available in miniature surface mount packages which minimizes space and routing problems and improves reliability and yields. Why thin film EMI/RFI filters? EMI/RFI filters are needed to suppress noise at low and high frequencies of the signal. Ferrite beads used for EMI/RFI filtering are bulky and ineffective at low frequencies and have saturation problems at high frequencies. Resistor-capacitor networks offer the best technical approach for effective EMI/RFI filtering. Conventional thick film-based EMI/RFI filters do not effectively suppress noise at high frequencies due to the fact that EMI/RFI filters using thick film technology have high parasitic inductance which becomes the dominant component of the capacitor's impedance past resonance, and therefore significantly affects high frequency performance of the filter. CAMD's PRC200/210 Tapped Filter is fabricated on a silicon substrate using advanced thin film technology. These EMI/RFI filters have very low parasitic inductance and suppress EMI/RFI noise at low and high frequencies to well above 1000 MHz.
SCHEMATIC CONFIGUARA6TION
20 19 18 17 16 15 14 13 12 11
1
2
3
4
5
6
7
8
9
10
S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
Package RC Code 150/470T 250/101T 250/181T 250/201T 270/221T Pins 20 20 20 20 20 Style SOI C SOI C SOI C SOI C SOI C Tubes PRC2 0 0 1 5 0 K/ 4 7 0 M/ T PRC2 0 0 2 5 0 K/ 1 0 1 M/ T PRC2 0 0 2 5 0 K/ 1 8 1 M/ T PRC2 0 0 2 5 0 K/ 2 0 1 M/ T PRC2 0 0 2 7 0 K/ 2 2 1 M/ T Ordering Part Number Tape & Reel PRC2 0 0 1 5 0 K/ 4 7 0 M/ R PRC2 0 0 2 5 0 K/ 1 0 1 M/ R PRC2 0 0 2 5 0 K/ 1 8 1 M/ R PRC2 0 0 2 5 0 K/ 2 0 1 M/ R PRC2 0 0 2 7 0 K/ 2 2 1 M/ R Part Marking PRC200150K/ 470M PRC200250K/ 101M PRC200250K/ 181M PRC200250K/ 201M PRC200270K/ 221M
(c) 2000 California Micro Devices Corp. All rights reserved. 7/14/2000
C1200600
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PRC200/210
S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
Package RC Code 400/500T 470/330T 101/101T 150/470T 250/101T 250/181T 250/201T 270/221T 400/500T 470/330T 101/101T Pins 20 20 20 20 20 20 20 20 20 20 20 Style SOI C SOI C SOI C QSOP QSOP QSOP QSOP QSOP QSOP QSOP QSOP Tubes PRC2 0 0 4 0 0 K/ 5 0 0 M/ T PRC2 0 0 4 7 0 K/ 3 3 0 M/ T PRC2 0 0 1 0 1 K/ 1 0 1 M/ T PRC2 1 0 1 5 0 K/ 4 7 0 M/ T PRC2 1 0 2 5 0 K/ 1 0 1 M/ T PRC2 1 0 2 5 0 K/ 1 8 1 M/ T PRC2 1 0 2 5 0 K/ 2 0 1 M/ T PRC2 1 0 2 7 0 K/ 2 2 1 M/ T PRC2 1 0 4 0 0 K/ 5 0 0 M/ T PRC2 1 0 4 7 0 K/ 3 3 0 M/ T PRC2 1 0 1 0 1 K/ 1 0 1 M/ T Ordering Part Number Tape & Reel PRC2 0 0 4 0 0 K/ 5 0 0 M/ R PRC2 0 0 4 7 0 K/ 3 3 0 M/ R PRC2 0 0 1 0 1 K/ 1 0 1 M/ R PRC2 1 0 1 5 0 K/ 4 7 0 M/ R PRC2 1 0 2 5 0 K/ 1 0 1 M/ R PRC2 1 0 2 5 0 K/ 1 8 1 M/ R PRC2 1 0 2 5 0 K/ 2 0 1 M/ R PRC2 1 0 2 7 0 K/ 2 2 1 M/ R PRC2 1 0 4 0 0 K/ 5 0 0 M/ R PRC2 1 0 4 7 0 K/ 3 3 0 M/ R PRC2 1 0 1 0 1 K/ 1 0 1 M/ R Part Marking PRC200400K/ 500M PRC200470K/ 330M PRC200101K/ 101M PRC210150K/ 470M PRC210250K/ 101M PRC210250K/ 181M PRC210250K/ 201M PRC210270K/ 221M PRC210400K/ 500M PRC210470K/ 330M PRC210101K/ 101M
N O N - S TA N D A R D PA R T O R D E R I N G I N F O R M AT I O N
PRC201 (Example) Part Series PRC200 - SOIC PRC210 - QSOP XXX R Code T1 R Tolerance K - 10% M - 20% XXX C Code T2 C Tolerance K - 10% M - 20%
California Micro Devices can develop a fully customized solution which embodies the configuration shown in this data sheet or modified to suit specific application requirements. A Non-Recurring Engineering (NRE) charge will apply for all fully customized requirements and a minimum order/lot will be required. Please direct your detailed circuit configuration and specification requirements to your local CAMD representative or to the factory for a quotation.
S TA N D A R D S P E C I F I C AT I O N S
Absolute Tolerance (R) Absolute tolerance (C) Operating Temperature Range Power Rating/Resistor Storage Temperature Package Power Rating 10% 20% 0C to 70C 100mW -65C to 150C 1.00W, max.
S TA N D A R D VA L U E S
R () 10% 15 25 25 25 27 C (pf) 10% 47 100 180 200 220 50 33 100 Breakdown Voltage (max) 156V 155V 74V 64V 56V 149V 229V 155V RC Code 150/470T 250/101T 250/181T 250/201T 270/221T 400/500T 470/330T 101/101T fc @ 3bd* 226MHz 64MHz 35MHz 32MHz 27MHz 80MHz 103MHz 16MHz
N O N - S TA N D A R D S P E C I F I C AT I O N S
Absolute Tolerance (R) Absolute Tolerance (C) 10% 10%
40 47 100
* With 0 source imedance.
N O N - S TA N D A R D VA L U E S
Resistance Range Capacitance Range 10 to 100 15pF to 180pF
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
7/14/2000


▲Up To Search▲   

 
Price & Availability of PRC200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X